Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 256Page - Renesas Technology Corp UPD17062 Datasheet HTML 257Page - Renesas Technology Corp UPD17062 Datasheet HTML 258Page - Renesas Technology Corp UPD17062 Datasheet HTML 259Page - Renesas Technology Corp UPD17062 Datasheet HTML 260Page - Renesas Technology Corp UPD17062 Datasheet HTML 261Page - Renesas Technology Corp UPD17062 Datasheet HTML 262Page - Renesas Technology Corp UPD17062 Datasheet HTML 263Page - Renesas Technology Corp UPD17062 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 298 page
background image
258
µPD17062
20.5.2
Control Data
The control data specifies the display position, size, and color of a character pattern. It is stored at
×××FH
in the CROM area. One control data item consists of 16 bits. The highest bit is always 0. Fig. 20-9 shows
the configuration of the control data.
Fig. 20-9
Control Data Configuration
The control data is provided between two character pattern data items. It has nothing to do with the
character pattern data items at addresses before and after the control code. Any control data can be specified
using data in VRAM.
(1) Horizontal size data (b14 and b13 of control data)
The horizontal size data determines the horizontal size of each image of a character. Each character has
four image sizes (up to three sizes per row). Table 20-7 lists details of the horizontal size data.
Table 20-7
Horizontal Size Setting
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
(Fixed)
Horizontal
size
Vertical
size
Horizontal
position
Vertical
position
Color
Horizontal size data
Size
Horizontal width
Maximum number of display
b14
b13
of a character
characters per row
0
0
Standard
2.5
µs
16
0
1
Double
5.0
µs
8
1
0
Triple
7.5
µs
5
1
1
Quadruple
10.0
µs4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com