Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 272Page - Renesas Technology Corp UPD17062 Datasheet HTML 273Page - Renesas Technology Corp UPD17062 Datasheet HTML 274Page - Renesas Technology Corp UPD17062 Datasheet HTML 275Page - Renesas Technology Corp UPD17062 Datasheet HTML 276Page - Renesas Technology Corp UPD17062 Datasheet HTML 277Page - Renesas Technology Corp UPD17062 Datasheet HTML 278Page - Renesas Technology Corp UPD17062 Datasheet HTML 279Page - Renesas Technology Corp UPD17062 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 298 page
background image
274
µPD17062
21. HORIZONTAL SYNC SIGNAL COUNTER
21.1
HORIZONTAL SYNC SIGNAL COUNTER CONFIGURATION
The horizontal sync signal counter counts the frequency of a horizontal sync signal for TV or similar
equipment. When a TV broadcasting signal is received, a prescribed horizontal sync signal is output. Using
this fact, the horizontal sync signal counter checks whether there is a broadcast station at a particular
frequency.
The horizontal sync signal counter consists of a 6-bit HSYNC counter (HSC), gate clock generator, gate
control register (HSCGT), gate input amplifier, and test gate open register (HSCGOSTT).
A signal supplied to the P0B3/HSCNT pin is amplified by the self-biased input amplifier. The output of the
amplifier passes through a gate which opens for a specific time interval specified by the gate control register.
After passing through the gate, the amplifier output is counted in the 6-bit HSYNC counter. When the gate
is closed, the HSYNC counter stops counting and sets 1 in the test gate open register. The HSYNC counter
is a read-only register. Reading the HSYNC counter finds out how many pulses are counted when the gate
is open. Dividing the number of pulses by the time during which the gate is open (1.69 ms) can obtain the
frequency of the horizontal sync signal. The P0B3/HSCNT pin is also used as an I/O port. It is assigned to the
P0B3 port. When it is used as a horizontal sync signal counter, the P0B3 must be set as an input port. When
it is used as a port, the HSCGT must be set with 0000B. When the P0B3 is used as an input to the horizontal
sync signal counter, it is read always as 0.
Fig. 21-1
Horizontal Sync Signal Counter Block Diagram
HSCGOSTT
RF92Hb3
(R/W)
HSCGT
RF91Hb1,b0
(R/W)
Gate clock generator
To a port
Gate input
amplifier
Gate
HSYNC counter
Selector
Peripheral address 04H (R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com