Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 274Page - Renesas Technology Corp UPD17062 Datasheet HTML 275Page - Renesas Technology Corp UPD17062 Datasheet HTML 276Page - Renesas Technology Corp UPD17062 Datasheet HTML 277Page - Renesas Technology Corp UPD17062 Datasheet HTML 278Page - Renesas Technology Corp UPD17062 Datasheet HTML 279Page - Renesas Technology Corp UPD17062 Datasheet HTML 280Page - Renesas Technology Corp UPD17062 Datasheet HTML 281Page - Renesas Technology Corp UPD17062 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 298 page
background image
276
µPD17062
21.3
HSYNC COUNTER (HSC)
The HSYNC counter is mapped at peripheral address 04H. It is a 6-bit read-only binary counter. It can be
read-accessed through the data buffer using the GET instruction.
When it overflows, the 6-bit HSYNC counter goes back to 00H.
The HSYNC counter is reset to 00H at a power-on reset and clock stop.
(1) Gate open bit (HSCGOSTT)
The HSCGOSTT is mapped at the MSB (b3) of the register file at 12H. It is always high when the gate with
the Hsync input is open. Note that when the 1.69 ms gate mode is selected, the HSCGOSTT becomes high
when the input data is set even if there is no gate clock.
21.4
EXAMPLE OF USING THE HORIZONTAL SYNC SIGNAL
The following example is a program that uses the horizontal sync signal counter.
When the 1.69 ms gate is open
CLR1
P0BBIO3
; Sets P0B3 in input mode.
PEEK
WR, 0B6H
AND
WR, #0111B
POKE
0B6H, WR
LOOP:
PEEK
WR, #92H
; Makes sure that the gate is closed once.
SKF
WR, #1000B
BR
LOOP
;
MOV
WR, #0010B
; Selects the 1.69 ms gate mode.
POKE
91H, WR
LOOP2:
PEEK
WR, #92H
; Makes sure that the gate is closed.
SKF
WR, #1000B
BR
LOOP2
GET
DBF, HSC
; Reads the content of the HSYNC counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com