Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 38Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 40Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 41Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 42Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-38
(2) External interrupt control
Interrupt Input Mode Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
I0IE
I0LE
NMIREE
Read/Write
W
W
After reset
0
0
0
0
IIMC
(007BH)
Read-
modify-
write
instruction
prohibited
Function
(Note)
Always
write “0”.
1: INT0
input
enable
0: INT0
edge
mode
1: INT0
level
mode
1: Can be
accepted
in NMI
rising
edge.
NMI
rising edge enable
0
Interrupt request generation at falling edge
1
Interrupt request generation at rising/falling
edge
INT0 level enable (Note 2)
0
Rising edge detect interrupt
1
High level interrupt
Note 1:
The INT0 pin can also be used for standby release as described later. Even if the pin is not used for standby
release, setting this register to “0” maintains the port function during standby mode.
Note 2:
Case of changing from level to edge for INT0 pin mode (<I0LE> “1”
→ “0”)
Execution example:
LD
(INTE0AD), XXXX0000B
;
INT0 disable, clean the request flag.
LD
(IIMC), XXXXX10XB
;
Change from level to edge.
LD
(INTE0AD), XXXX0nnnB
;
Set interrupt level “n” for INT0, clear the request flag.
Note 3:
IIMC<bit7:3> is always read as “1”.
Note 4:
See electrical characteristics in section 4 for external 4 for external interrupt input pulse.
Figure 3.4.6 Interrupt Input Mode Control Register
Table 3.4.2 Setting of External Interrupt Pin Functions
Interrupt
Shared Pin
Mode
Setting Method
Falling edge
IIMC<NMIREE>
= 0
NMI
NMI
(Dedicated pin)
Falling and rising edges
IIMC<NMIREE>
= 1
Rising edge
IIMC<I0LE>
= 0, <I0IE> = 1
INT0
P35
Level
IIMC<I0LE>
= 1, <I0IE> = 1
Rising edge
T4MOD<CAP12M1:0>
= 0, 0 or 0, 1 or 1, 1
INT4
P42
Falling edge
T4MOD<CAP12M1:0>
= 1, 0
INT5
P43
Rising edge
− − −
Rising edge
T5MOD<CAP34M1:0>
= 0, 0 or 0, 1 or 1, 1
INT6
P45
Falling edge
T5MOD<CAP34M1:0>
= 1, 0
INT7
P46
Rising edge
− − −
INT0 input enable (Note 1)
0
INT0 disable (P35 function only)
1
Input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com