Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP93CS32F Datasheet HTML 1Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-1
Low Voltage/Low Power
CMOS 16-Bit Microcontrollers
TMP93CS32F
1.
Outline and Device Characteristics
The TMP93CS32 is high-speed, advanced 16-bit microcontroller developed for controlling
medium to large-scale equipment.
The TMP93CS32 is housed in 64-pin flat package (P-QFP64-1414-0.80A).
The device characteristics are as follows:
(1) Original 16-bit CPU (900/L CPU)
•
TLCS-90 instruction mnemonic upward compatible
•
16-Mbyte linear address space
•
General-purpose registers and register bank system
•
16-bit multiplication/division and bit transfer/arithmetic instructions
•
Micro DMA: 4 channels (1.6
µs per 2 bytes at 20 MHz)
(2) Minimum instruction execution time: 200 ns at 20 MHz
(3) Internal RAM: 2 Kbytes
Internal ROM: 64 Kbytes
(4) External memory expansion
•
Can be expanded up to16 Mbytes (for both programs and data).
•
AM8/ AM16 pin (Select the external data bus width)
•
Can mix 8- and 16-bit external data buses.
(Dynamic bus sizing)
(5) 8-bit timer: 4 channels
(6) 16-bit timer: 2 channels
(7) Serial interface: 2 channels
(8) 10-bit AD converter: 6 channels
(9) High current output: 2 ports
• The information contained herein is subject to change without notice.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of TOSHIBA or others.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer,
when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid
situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to
property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control
instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made
at the customer’s own risk.
• The products described in this document are subject to the foreign exchange and foreign trade laws.
• TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law
and regulations.
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality
and Reliability Assurance/Handling Precautions.
030619EBP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com