Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-93
Timer 4, 5 Control Register
7
6
5
4
3
2
1
0
Bit symbol
QCU
DB6EN
DB4EN
T45CR
(003AH)
Read/Write
R/W
R/W
After reset
0
0
0
Double buffer
0: Disable
1: Enable
Function
Watchdog/
Warm-up
timer
control
Double
buffer of
TREG6
Double
buffer of
TREG4
Double buffer control
0
Disable
1
Enable
DB6EN: Double buffer of TREG6
DB4EN: Double buffer of TREG4
Watchdog timer/warm-up timer input control
0
Use 7 stage binary counter
1
Not use 7 stage binary counter (Note1)
Note 1:
In case of unused 7 state binary counter as a warm-up timer, the stable clock must be input from external
circuit.
Note 2:
Bit6 to 2 of T45CR are read as “1”.
Figure 3.8.7 16-Bit Timer/Event Counter Related Register (5/6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com