Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-57
Port 6 Register
7
6
5
4
3
2
1
0
Bit symbol
−
−
P65
P64
P63
P62
P61
P60
Read/Write
R/W
After reset
−
−
1
1
1
1
1
1
P6
(0012H)
Function
(Note)
Always write “1”
(This bit is read as “1”).
Input mode
Note: When port P6 is used in the input mode, P6 register controls the built-in pull-up resistor. Read-modify-write is
prohibited in the input mode or the I/O mode. Setting the built-in pull-up resistor may be depended on the
states of the input pin.
Port 6 Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
−
P65C
P64C
P63C
P62C
P61C
P60C
Read/Write
W
After reset
−
−
0
0
0
0
0
0
P6CR
(0014H)
Function
(Note)
Always write “1”
(This bit is read as “1”).
0: Input
1: Output
Port 6 I/O setting
0
Input
1
Output
Note: Read-modify-write instruction is prohibited for P6CR.
Port 6 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P65F
P63F
P62F
P60F
Read/Write
W
W
W
After reset
0
0
0
0
P6FC
(0016H)
Function
0: Port
1: SCLK1
0: Port
1: TXD1
0: Port
1: SCLK0
0: Port
1: TXD0
Note 1:
Read-modify-write instruction is prohibited for P6FC.
Note 2:
To set the TXD pin to open drain, write “1” in bit0 (for TXD0 pin) or bit1 (for TXD1 pin) of the ODE register.
P61/RXD0, P64/RXD1 pins do not have a register changing port/function.
When using as input ports, the serial receive data is input to SIO.
Figure 3.5.17 Register for Port 6
P60 TXD0 output setting (Note 2)
P6FC<P60F>
1
P6CR<P60C>
1
P62 SCLK0 output setting
P6FC<P62F>
1
P6CR<P62C>
1
P63 TXD1 output setting (Note 2)
P6FC<P63F>
1
P6CR<P63C>
1
P65 SCLK1 output setting
P6FC<P65F>
1
P6CR<P65C>
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com