Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-60
3.6
Bus Width/Wait Controller, AM8/ AM16 Pin
TMP93CS32 has a built-in controller used to control wait ( WAIT pin) and data bus size (8 or
16 bits) for any of the three block address areas.
3.6.1
AM8/ AM16 Pin
Set this pin to “H”. After reset, the CPU accesses the internal ROM with 16-bit bus width.
The bus width when the CPU accesses an external area is set by the bus width/wait cntrol
registers (Described at 3.6.3) and the registers of Port 1. (The value “1” of this pin is ignored
and the value set by register is active.)
3.6.2
Address/Data Bus Pins
Port 0/AD0 to AD7, Port 1/AD8 to AD15/A8 to A15 and Port 2/A16 to A23/A0 to A7
function as address/data bus for connecting the external memories.
1
2
3
4
Number of address
bus pins
Max 24 (to 16 Mbytes)
Max 24 (to 16 Mbytes)
Max 16 (to 64 Kbytes)
Max 8 (to 256 bytes)
Number of data bus
pins
8
16
8
16
Number of
multiplexed pins
8
16
0
0
EA
VIH
Mode
pins
AM8/
16
AM
VIH
Port 0
AD0 to AD7
AD0 to AD7
AD0 to AD7
AD0 to AD7
Port 1
A8 to A15
AD8 to AD15
A8 to A15
AD8 to AD15
Port
function
Port 2
A16 to A23
A16 to A23
A0 to A7
A0 to A7
Timing chart
Note 1: In case of 3 and 4, the data bus signals output the addresses since the signals are also
used as the address bus. Writing “0” to bit CKOCR<ALEEN>, ALE signal can be
stopped outputting.
Note 2: After reset operation, Port 0, Port 1, and Port 2 function as Input ports, not as address,
data bus signals.
A23 to 8
A7
to 0
A23 to 8
AD7 to 0
D7
to 0
ALE
RD
A23 to 16
A15
to 0
A23 to 16
AD15 to 0
D15
to 0
ALE
RD
A15 to 0
A7
to 0
A15 to 0
AD7 to 0
D7
to 0
ALE
RD
(note1)
(note1)
A7 to 0
A15
to 0
A7 to 0
AD15 to 0
D15
to 0
ALE
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com