Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-5
2.2
Pin Names and Functions
The names of input/output pins and their functions are described below Table 2.2.1 to Table
2.2.2 Pin Names and Functions.
Table 2.2.1 Pin Names and Functions (1/2)
Pin Name
Number
of Pins
I/O
Functions
I/O
Port 0: I/O port that allows selection of I/O on a bit basis
P00 to P07
AD0 to AD7
8
3-state
Address/Data (lower): Bits 0 to 7 for address/data bus
I/O
Port 1: I/O port that allows selection of I/O on a bit basis
3-state
Address/Data (upper): Bits 8 to 15 for address/data bus
P10 to P17
AD8 to AD15
A8 to A15
8
Output
Address: Bits 8 to 15 for address bus
I/O
Port 2: I/O port that allows selection of I/O on a bit basis
(with pull-up resistor)
Output
Address: Bits 0 to 7 for address bus
P20 to P27
A0 to A7
A16 to A23
8
Output
Address: Bits 16 to 23 for address bus
Output
Port 30: Output port
P30
RD
1
Output
Read: Strobe signal for reading external memory
Output
Port 31: Output port
P31
WR
1
Output
Write: Strobe signal for writing data on pins AD0 to AD7
I/O
Port 32: I/O port (with pull-up resistor)
P32
HWR
1
Output
High write: Strobe signal for writing data on pins AD8 to AD15
I/O
Port 35: I/O port
P35
INT0
1
Input
Interrupt request pin 0: Interrupt request pin with
programmable level/rising edge
I/O
Port 41: I/O port
P41
TO3
1
Output
PWM output 3: 8-bit PWM timer 3 output
I/O
Port 42: I/O port
Input
Timer input 4: Timer 4 input
P42
TI4
INT4
1
Input
Interrupt request pin 4: Interrupt request pin with
programmable rising/falling edge
I/O
Port 43: I/O port
Input
Timer input 5: Timer 4 input
P43
TI5
INT5
1
Input
Interrupt request pin 5: Interrupt request pin with rising edge
I/O
Port 44: I/O port
P44
TO4
1
Output
Timer output 4: Timer 4 output pin
I/O
Port 45: I/O port
Input
Timer input 6: Timer 5 input
P45
TI6
INT6
1
Input
Interrupt request pin 6: Interrupt request pin with programmable rising/falling
edge
I/O
Port 46: I/O port
Input
Timer input 7: Timer 5 input
P46
TI7
INT7
1
Input
Interrupt request pin 7: Interrupt request pin with rising edge
I/O
Port 47: I/O port
P47
TO6
1
Output
Timer output 6: Timer 5 output pin
Input
Port 50 to Port 52, Port 54, Port 55: Input port
P50 to P52,
P54, P55
AN0 to AN2,
AN4, AN5
5
Input
Analog input: Analog signal input for AD converter
Input
Port 53: Input port
Input
Analog input: Analog signal input for AD converter
P53
AN3
ADTRG
1
Input
AD converter external start trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com