Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 81 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 81 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 85Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-79
3. Making timer 1 count up by match signal from timer 0 comparator
(Same function is achieved by using timer 3 and timer 2)
Set the 8-bit timer mode, and set the comparator output of timer 0 as the input clock
to timer 1.
Figure 3.7.11 Timer 1 Count up by Timer 0
(2) 16-bit timer mode
A 16-bit interval timer is configured by using the pair of timer 0 and timer 1 or timer 2
and timer 3.
To make a 16-bit interval timer by cascade connecting timer 0 and timer 1, set timer 1/0
mode register T10MOD<T10M1:0> to “01”.
When set in 16-bit timer mode, the overflow output of timer 0 and 2 will become the input
clock of timers 1 and 3, regardless of the set value of T10MOD<T1CLK1:0>and
T32MOD<T3CLK1:0>. Table 3.7.1 shows the relation between the cycle of timer (interrupt)
and the selection of input clock.
The lower 8 bits of the timer (Interrupt) cycle are set by the timer register TREG0 or
TREG2, and the upper 8 bits are set by TREG1 or TREG3. Note that TREG0 and TREG2
always must be set first. (Writing data into TREG0 and TREG2 disables the comparator
temporarily, and the comparator is restarted by writing data into TREG1 and TREG3.)
Setting example: To generate an interrupt INTT3 every 0.4 seconds at fc
= 20 MHz, set the following values for timer
registers TREG2 and TREG3.
* Clock Condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
When counting with input clock of
φT16 (6.4 µs at 20 MHz)
0.4 s
÷ 6.4 µs = 62500 = F424H
Therefore, set TREG3
= F4H and TREG2 = 24H, respectively.
The comparator match signal is output from timer 2 each time the up counter UC2
matches TREG2, where the up counter UC2 is not be cleared, and the interrupt INTT2 is
not generated.
With the timer 3 comparator, the match detect signal is output at each comparator timing
when up counter UC3 and TREG3 values match. When the match detect signal is output
simultaneously from both comparators of timer 2 and timer 3, the up counters UC2 and
UC3 are cleared to “0”, and the interrupt INTT3 is generated. If inversion is enabled, the
value of the timer flip-flop TFF3 is inverted.
2
34
5
1
234
5
12
3
1
1
2
1
Comparator output
(Timer 0 match)
Timer 0 up counter
(when TREG0
= 5)
Timer 1 up counter
(when TREG1
= 2)
Timer 1 match output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com