Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-84
In this mode, the value of register buffer will be shifted in TREG2 if 2n
− 1 overflow is
detected when the double buffer of TREG2 is enabled.
Use of the double buffer makes easy the handling of small duty waves.
Figure 3.7.18 Operation of Register Buffer
Example: To output the following PWM waves to TO3 pin at fc
= 20 MHz.
* Clock condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
To realize 50.8
µs of PWM cycle by φT1 = 0.4 µs (at fc = 20 MHz),
50.8
µs ÷ 0.4 µs = 127 = 2n − 1
Consequently, n should be set to 7.
As the period of low level is 28.8
µs, for φT1 = 0.4 µs,
set the following value for TREG2.
28.8
µs ÷ 0.4 µs = 72 = 48H
MSB
LSB
7
6
5
4
3
2
1
0
TRUN
← − X − − − 0 −−
Stop timer 2, and clear it to “0”.
T32MOD
← 1 1 1 0 − − 01
Set 8-bit PWM mode (cycle: 2
7
− 1) and select φT1 as the
input clock.
TREG2
← 0 1 0 0 1 0 0 0
Writes “48H”.
TFFCR
← 1 0 1 X − − − −
Clears TFF3, enable the inversion and double buffer.
P4CR
← X X X X − − 1 −
P4FC
← X X X X − − 1X
Set P41 as the TO3 pin.
TRUN
← 1 X − − − 1 −−
Start timer 2 counting.
X: Don’t care,
−: No change
Q2
Q1
Match with TREG2
Q3
Q2
Up counter
= Q1
Up counter
= Q2
Shift into TREG2
TREG2 (Register buffer)
write
TREG 2
(Value to be compared)
Register buffer
2
n
− 1 overflow
28.8
µs
50.8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com