Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-72
Timer Operation Control Register
7
6
5
4
3
2
1
0
Bit symbol
PRRUN
T5RUN
T4RUN
T3RUN
T2RUN
T1RUN
T0RUN
TRUN
(0020H)
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
Function
Prescaler and timer run/stop control
0: Stop and clear
1: Run (count up)
Count operation
0
Stop and clear
1
Count
PRRUN: Operation of prescaler
T5RUN: Operation of 16-bit timer (Timer 5)
T4RUN: Operation of 16-bit timer (Timer 4)
T3RUN: Operation of 8-bit timer (Timer 3)
T2RUN: Operation of 8-bit timer (Timer 2)
T1RUN: Operation of 8-bit timer (Timer 1)
T0RUN: Operation of 8-bit timer (Timer 0)
Note: TRUN<Bit6> is always read as “1”.
System Clock Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
−
−
−
−
−
PRCK1
PRCK0
SYSCR0
(006EH)
Read/Write
R/W
After reset
1
0
1
0
0
0
0
0
Function
(Note)
Always
write “1”
(This bit is
read as “1”).
(Note)
Always
write “0”
(This bit is
read as “0”).
(Note)
Always
write “1”
(This bit is
read as “1”).
(Note)
Always
write “0”
(This bit is
read as “0”).
(Note)
Always
write “0”
(This bit is
read as “0”).
(Note)
Always
write “0”
(This bit is
read as “0”).
Select prescaler clock
00: fFPH
01: (Reserved)
10: fc/16
11: (Reserved)
Select prescaler input clock
00
fFPH
01
(Reserved)
10
fc/16
11
(Reserved)
Figure 3.7.5 8-Bit Timer Related Registers (1/5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com