Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-77
(1)
8-bit timer mode
Four interval timers 0, 1, 2, and 3, can be used independently as 8-bit interval timer.
1. Generating interrupts in a fixed cycle (in case of timer 3)
To generate timer 3 interrupt at constant intervals using timer 3 (INTT3), first stop
timer 3 then set the operation mode, input clock, and a cycle to T32MOD and TREG3
register, respectively. Then, enable interrupt INTT3 and start the counting of timer 3.
Example: To generate timer 3 interrupt every 10
µs at fc = 20 MHz, set each register in the following manner.
* Clock Condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
MSB
LSB
7
6
5
4
3
2
1
0
TRUN
← − X − − 0 − − −
Stop timer 3, and clear it to “0”.
T32MOD
← 0 0 X X 0 1 − −
Set the 8-bit timer mode, and select
φT1 (0.4 µs at fc = 20
MHz) as the input clock.
TREG3
← 0 0 0 1 1 0 0 1
Set the timer register 10
µs ÷ φT1 = 25 = 19H
INTET32
← 1 1 0 1 − − − −
Enable INTT3, and set it to “Level 5”.
TRUN
← 1 X − − 1 − − −
Start timer 3 counting.
X: Don’t care,
−: No change
Use the Table 3.7.1 for selecting the input clock.
Note:
The input clock of timer 2 and timer 3 are different from as follows.
Timer 2: φT1, φT4, φT16
Timer 3: Match output of timer 2, φT1, φT16, and φT256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com