Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-16
3.3.4
Standby Controller
(1) HALT mode
When the HALT instruction is executed, the operating mode changes RUN, IDLE2,
IDLE1, or STOP mode depending on the contents of the HALT mode setting register
WDMOD<HALTM1:0>. Figure 3.3.5 shows the alternative states of the watchdog
timer mode registers.
Watchdog Timer Mode Register
7
6
5
4
3
2
1
0
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
Watchdog
timer
control
0: Disable
1: Enable
Watchdog timer
detect time selection
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
Warm-up
timer
0: 2
14/clock
frequency
selection
1: 2
16/clock
frequency
selection
Halt mode selection
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
Runaway
detection
internal
reset
control
1: Executes
internal
reset by
runaway
detection
STOP
mode pin
control
1: Drive
pins in
STOP
mode
Pin state control in STOP mode
0
I/O off
1
Retains the state before halt
HALT mode setting
00
RUN mode (only CPU stop)
01
STOP mode (all circuits stop)
10
IDLE1 mode (only oscillator operating)
11
IDLE2 mode (partial I/O operating)
Warm-up time selection at returning from the
stop mode (see Table 3.3.4)
0
2
14/select clock frequency
1
216/select clock frequency
Figure 3.3.5 Watchdog Timer Mode Register
The futures of RUN, IDLE2, IDLE1, and STOP modes are as follows.
1.
RUN: Only the CPU halts; power consumption remains unchanged.
2.
IDLE2: The built-in oscillator and the specified I/O operates.
The power consumption is redced to 1/2 than that during NORMAL
operation.
3.
IDLE1: Only the built-in oscillator operates, while all other built-in circuits stop.
The power consumption is reduced to 1/5 or less than that during
NORMAL operation.
4.
STOP: All internal circuits including the built-in oscillator stop. This greatly
reduces power consumption.
The operations in the halt state is described in Table 3.3.2.
WDMOD
(005CH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com