Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-70
(
3) Timer register
This is an 8-bit register for setting an interval time. When the set value of timer registers
TREG0, TREG1, TREG2, and TREG3, matches the value of up-counter, the comparator
match detect signal becomes active. If the set value is 00H, this signal becomes active when
the up-counter overflows.
Timer registers TREG2, are double buffer structure, each of which makes a pair with
register buffer.
The timer flip-flop controll register TRDC<TR2DE> bits control whether the double
buffer structure in the TREG2 should be enabled or disabled. They are disabled when
<TR2DE>
= 0 and enabled when they are set to 1.
In the condition of double buffer enable state, the data is transfered from the register
buffer to the timer register when the 2n
− 1 overflow occurs in PWM mode, or at the PPG
cycle in PPG mode. Therefore, during timer mode, the double buffer can not be used.
When reset, it will be initialized to <TR2DE>
= 0 to disable the double buffer. To use the
double buffer, write data in the timer register, set <TR2DE> to 1, and write the following
data in the register buffer.
Figure 3.7.4 Configuration of Timer Register 2
Note:
Timer register and the register buffer are allocated to the same memory address.
When <TR2DE> = 0, the same value is written in the register buffer as well as the
timer register, while when <TR2DE> = 1 only the register buffer is written.
The memory address of each timer register is as follows.
TREG0 : 000022H
TREG2 : 000026H
TREG1 : 000023H
TREG3 : 000027H
All the registers are write-only and cannot be read.
Comparator (CP2)
Internal data bus
TRDC<TR2DE>
Timer registers 2 (TREG2)
Register buffers 2
Shift trigger
Selector
Write
TREG2 WR
Matching detection of PPG cycle
2
n
− 1 overflow of PWM
Up counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com