Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-69
The clock selected among fFPH clock and fc/16 clock is divided by 4 and input to this
prescaler. This is selected by prescaler clock selection register SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to “00”, therefore fFPH/4 clock is input.
The 8-bit Timer selects between 4 clock inputs:
φT1, φT4, φT16, and φT256 among the
prescaler output.
This prescaler can be run or stopped by the timer control register TRUN<PRRUN>.
Counting starts when <PRRUN> is set to “1”, while the prescaler is cleared to zero and
stops operation when <PRRUN> is cleared to “0”.
When the IDLE1 mode (Operates only oscillator) is used, clear TRUN<PRRUN> to “0” to
stop this prescaler before “HALT” instruction is executed.
(2) Up counter
This is an 8-bit binary counter which counts up by the input clock pulse specified by
T10MOD and T32MOD.
The input clock of timers 0 and 2 is selected from the three internal clocks
φT1, φT4, and
φT16, according to the set value of T10MOD<T0CLK1:0>/T32MOD<T2CLK1:0> registers.
The input clock of timer 1 and 3 differs depending on the operation mode. When set to
16-bit timer mode, the overflow outputs of timer 0 and 2 are used as the input clock. When
set to any other mode than 16-bit timer mode, the input clock is selected from the internal
clocks
φT1, φT16, and φT256 as well as the comparator output (match detection signal) of
timer 0, 2 according to the set value of T10MOD and T32MOD registers.
Example: When T10MOD<T10M1:0>
= “01”, the overflow output of timer 0 becomes
the input clock of timer 1 (16-bit timer mode).
When T10MOD<T10M1:0>
= “00” and T10MOD<T1CLK1:0> = “01”, φT1
becomes the input of timer 1 (8-bit timer mode).
Operation mode is also set by T10MOD and T32MOD registers. When reset, it is
initialized to T10MOD<T10M1:0>
= “00” and T32MOD<T32M1:0> = “00” whereby the up
counter is placed in the 8-bit timer mode.
The counting and stop and clear of up counter can be controlled for each interval timer by
the timer operation control register TRUN. When reset, all up-counters will be cleared to
stop the timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com