Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-96
The clock selected among fFPH clock and fc/16 clock is divided by 4 and input to this
prescaler. This is selected by prescaler clock selection register SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to “00”, therefore fFPH/4 clock is input.
The 16-bit Timers 4 and 5 selects between 3 clock inputs:
φT1, φT4, and φT16 among the
prescaler outputs.
This prescaler can be run or stopped by the timer operation control register
TRUN<PRRUN>. Counting starts when <PRRUN> is set to “1”, while the prescaler is
cleared to zero and stops operation when <PRRUN> is cleared to “0”.
When the IDLE1 mode (operates only oscillator) is used, clear TRUN<PRRUN> to “0” to
stop this prescaler before “HALT” instruction is executed.
(2) Up counter
UC4 is a 16-bit binary counter which counts up according to the input clock specified by
T4MOD<T4CLK1:0> register.
As the input clock, one of the internal clocks
φT1, φT4, and φT16 from 9-bit prescaler (also
used for 8-bit timer), and external clock from TI4 pin (also used as P42/INT4 pin) can be
selected. When reset, it will be initialized to <T4CLK1:0>
= 00 to select TI4 input mode.
Counting or stop and clear of the counter is controlled by timer operation control register
TRUN<T4RUN>.
When clearing is enabled, up counter UC4 will be cleared to zero each time it coincides
matches the timer register TREG5. The “clear enable/disable” is set by T4MOD<CLE>.
If clearing is disabled, the counter operates as a free-running counter.
A timer overflow interrupt (INTTO4) is generated when UC4 overflow occurs.
(3) Timer registers
These two 16-bit registers are used to set the interval time. When the value of up counter
UC4 matches the set value of this timer register, the comparator match detect signal will
be active.
Setting data for both upper and lower timer registers (TREG4 and TREG5) is always
needed. For example, either using 2-byte date transfer instruction or using 1 byte date
transfer instruction twice for lower 8 bits and upper 8 bits in order.
TREG4 to TREG7 are write-only registers, so these registers can not be read by software.
TREG 4
Timer 4
Upper 8 bits
Lower 8 bits
000031H
000030H
TREG 5
Upper 8 bits
Lower 8 bits
000033H
000032H
TREG 6
Timer 5
Upper 8 bits
Lower 8 bits
000041H
000040H
TREG 7
Upper 8 bits
Lower 8 bits
000043H
000042H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com