Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-59
Port 7 Register
7
6
5
4
3
2
1
0
Bit symbol
−
−
−
−
−
−
P71
P70
Read/Write
R/W
After reset
−
−
−
−
−
−
1
1
P7
(0013H)
Function
(Note) Always write “1” (This bit is read as “1”).
Input mode
Port 7 Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
−
−
−
−
−
P71C
P70C
Read/Write
W
After reset
−
−
−
−
−
−
0
0
P7CR
(0015H)
Function
(Note) Always write “1” (This bit is read as “1”).
0: Input 1: Output
Port 7 I/O setting
0
Input
1
Output
Note 1:
Read-modify-write instruction is prohibited for P7CR.
Note 2:
P70/ WAIT pin does not have a register changing port/function.
For example, when it is used as an input port, the input signal is inputted as WAIT input.
When it is used as WAIT input pin, bit <BmWn> of bus width wait control register must be specified.
Figure 3.5.19 Registers for Port 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com