Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-47
3.5.3
Port 2 (P20 to P27)
Port 2 is an 8-bit general-purpose I/O port. I/O can be set on bit basis using the control
register P2CR and function register P2FC. All bits of the output latch P2 is set to “1” by
reset, and all bits of P2CR and P2FC are cleared to “0”. Port 2 becomes the input mode with
the pull-up resistor.
In addition to functioning as a general-purpose I/O port, Port 2 also shares functions as
an address bus (A0 to A7) and an address bus (A16 to A23). To use Port 2 as address bus (A0
to A7 or A16 to A23), write “0” to P2 output latch and turn off the programmable pull-up
resistor.
Figure 3.5.4 Port 2
Direction control
(on bit basis)
Reset
P2CR write
Output
latch
P2 write
S
B
Selector
A
P2 read
Output buffer
Port 2
P20 to P27
(A0 to A7/A16 to A23)
Function control
(on bit basis)
P2FC write
A16 to A23
A0 to A7
S
B
Selector
A
Programmable
pull up
P-ch
B
Selector
A
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com