Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-22
Table 3.3.5 Pin States in STOP Mode
Pin Name
I/O
<DRVE>
= 0
<DRVE>
= 1
P00 to P07
Input mode
Output mode
AD0 to AD7
∆
High-Z
High-Z
∆
Output
High-Z
P10 to P17
Input mode
Output mode/A8 to A15
AD8 to AD15
∆
High-Z
High-Z
∆
Output
High-Z
P20 to P27
Input mode
Output mode, A0 to A7/A16 to A23
∆
∆
∆
Output
P30 ( RD ), P31 ( WR )
Output
High-Z
Output
P32 ( HWR )
Input mode
Output mode
PU*
PU*
PU
Output
P35
Input mode
Output mode
Invalid
High-Z
Invalid
Output
P41 to P47
Input mode
Output mode
Invalid
High-Z
Invalid
Output
P50 to P55
Input
∆
∆
P60 to P65
Input mode
Output mode
PU*
PU*
PU
Output
P70, P71
Input mode
Output mode
Invalid
High-Z
Invalid
Output
NMI
Input
Input
Input
ALE
Output (<ALEEN>
= 1)
“L” level output
“L” level output
CLK
Output (<CLKEN>
= 1)
High-Z
“H” level output
RESET
Input
Input
Input
EA
Input
“H” level fix
“H” level fix
AM8/
16
AM
Input
“H” level fix
“H” level fix
X1
Input
Invalid
Invalid
X2
Output
“H” level output
“H” level output
Input:
Input gate in operation. Fix input voltage to 0 or 1 so that the input pin stays constant.
Output: Output state
Invalid: Input is not accepted.
High-Z: Output is at high impedance.
PU:
Programmable pull-up pin in input gate in operation. Fix the pin to avoid through current since the input gate
operates when a pull-up pin resistance is not set.
PU*:
Programmable pull-up pin in input gate disable state. No through current even if the pin is set to high
impedance.
∆:
When a HALT instruction is executed and the CPU stops at the address of the port register, an input gate
operates. Fix the pin to avoid through current, and change the program.
In all other cases, input is not accepted.
Note:
Port registers are used for controlling programmable pull up. If a pin is also used for an output function (e.g.
TO3) and the output function is specified, whether pull up is selected depends on the output function data.
If a pin is also used for an input function, whether pull up is selected depends on the port register setting
value only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com