Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-26
Resetting initializes the CPU mask registers <IFF2:0> to 7; therefore, maskable
interrupts are disabled.
The following (1) to (5) show a flowchart of interrupt processing.
(1) Maskable
(2) Non-maskable interrupt
(3) Interrupt nesting
(4) Software interrupt
(5) Interrupt sampling timing
During execution of the main program, the CPU
accepts an interrupt request. The CPU increments the
IFF so that the interrupts of level 1 are not accepted
during processing the interrupt routine.
(Main)
DI
[4]
[2]
[3]
RETI
[1]
SWI3
[5]
The CPU accepts the software interrupt request
during DI status(IFF
= 7) because of the level 7. The
IFF is not changed by the software interrupts.
(SWI3 routine)
Example:
(Underline): Instruction
[1], [2] …: Execution flow
RETI
(Main)
EI 3
[7]
[6]
RETI
[1]
INTT0
(Level 3)
[8]
If an interrupt with a level higher than the interrupt being
processed is generated, the CPU accepts the interrupt with the
higher level. The program counter which returns at e is the start
address of INTT0 interrupt routine.
(INTT0 interrupt routine)
XXX
INTT1
(Level 4)
[2]
[4]
RETI
[3]
[5]
(Main)
EI 3
[8]
[2]
[7]
RETI
[1]
INTT0
(Level 3)
[9]
During processing the interrupts of level 3, the IFF is set to 4.
When an interrupt with a level higher than level 4 is generated,
the CPU accepts the interrupt with the higher level, causing
interrupt processing to nest.
(INTT0 interrupt routine) (INTT1 interrupt routine)
IFF
← 4
IFF
← 3
[3]
INTT1
(Level 4)
[6]
[4]
[5]
IFF
← 5
IFF
← 4
(Main)
EI 1
[4]
[2]
[3]
RETI
[1]
INTT0
(Level 1)
[5]
(INTT0 interrupt routine)
IFF
← 2
IFF
← 1
(Main)
DI
[4]
[2]
[3]
RETI
[1]
NMI
(Level 7)
[5]
DI instruction is executed in the main program, so that
the interrupts of only level 7 are accepted. The CPU
does not increment the IFF even if the CPU accepts
an interrupt request of level 7.
(NMI interrupt routine)
IFF
← 7
IFF
← 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com