Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 87 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 87 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 91Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-85
Table 3.7.2 PWM Cycle
at fc
= 20 MHz
PWM Cycle
2
6
− 1
2
7
− 1
2
8
− 1
Select
Prescaler Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
φT1
φT4
φT16
φT1
φT4
φT16
000 (fc)
25.2
µs 100.8 µs 403.2 µs
50.8
µs 203.2 µs 812.8 µs 102.0 µs 408.0 µs
1.63 ms
001 (fc/2)
50.4
µs 201.6 µs 806.4 µs 101.6 µs 406.4 µs
1.63 ms
204.0
µs 816.0 µs
3.26 ms
010 (fc/4)
100.8
µs 403.2 µs
1.61 ms
203.2
µs 812.8 µs
3.26 ms
408.0
µs
1.63 ms
6.53 ms
011 (fc/8)
201.6
µs 806.4 µs
3.23 ms
406.4
µs
1.63 ms
6.52 ms
816.0
µs
3.26 ms 13.06 ms
00
(fFPH)
100 (fc/16)
403.2
µs
1.61 ms
6.45 ms
812.8
µs
3.25 ms 13.04 ms
1.63 ms
6.53 ms 26.11 ms
10
(fc/16 clock)
XXX
403.2
µs
1.61 ms
6.45 ms
812.8
µs
3.25 ms 13.04 ms
1.63 ms
6.53 ms 26.11 ms
XXX: Don’t care
(5) Timer mode setting registers
Table 3.7.3 shows the list of 8-bit timer modes.
Table 3.7.3 Timer Mode Setting Registers
Register Name
T10MOD/T32MOD
TFFCR
Name of Function in
Register
T10M/T32M
PWM2
T1CLK/T3CLK
T0CLK/T2CLK
TFF1IS/TFF3IS
Function
Timer Mode
PWM Cycle
Upper Timer Input
Clock
Lower Timer Input
Clock
Timer F/F Invert
Signal Select
16-bit timer mode
01
*
−
−
φT1, φT4, φT16
(01, 10, 11)
−
8-bit timer
× 2 channels
00
*
−
Lower timer
match:
φT1, 16, 256
(00, 01, 10, 11)
φT1, φT4, φT16
(01, 10, 11)
0: Lower timer
output
1: Upper timer
output
8-bit PPG
× 1channel
*
10
*
−
*
−
*
φT1, φT4, φT16
(01, 10, 11)
*
−
8-bit PWM
× 1channel
*
11
*
2
6
− 1, 27 − 1, 28 − 1
(01, 10, 11)
*
−
*
φT1, φT4, φT16
(01, 10, 11)
*
−
8-bit timer
× 1channel
*
11
−
φT1, φT16, φT256
(01, 10, 11)
−
Output disabled
−: Don’t care
*: Don’t set in T10MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com