Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-55
3.5.7
Port 6 (P60 to P65)
Port 60 to 65 is a 6-bit general-purpose I/O port. I/Os can be set on a bit basis.
Resetting sets P60 to 65 to an input port and connects a pull-up resistor.
It also sets all bits of the output latch register to 1.
In addition to functioning as a general-purpose I/O port, P60 to P65 can also share
function as an I/O for serial channels 0 and 1. Writing “1” in the corresponding bit of the
Port 6 function register (P6FC) enables this function.
Resetting sets the function register value to “0” and sets all bits to input ports.
(1) Ports 60 (TXD0) and 63 (TXD1)
Ports 60 and 63 also function as serial channel TXD output pins in addition to I/O
ports.
They have a programmable open-drain function.
Figure 3.5.14 Ports 60 and 63
Direction control
(on bit basis)
Reset
P6CR write
P6 write
P6 read
Open-drain
possible
ODE<ODE63, 60>
P60 (TXD0)
P63 (TXD1)
Function control
(on bit basis)
P6FC write
Programmable
pull up
P-ch
TXD0, TXD1
S
Output latch
S
B
Selector
A
S
A
Selector
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com