Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-80
Example: When TREG3
= 04H and TREG2 = 80H
Figure 3.7.12 Timer Output by 16-Bit Timer Mode
(3) 8-bit PPG (Programmable Pulse Generation) output mode
Square wave pulse can be generated at any frequency and duty by timer 2. The output
pulse may be either low active or high active. In this mode, timer 3 cannot be used.
Timer 2 outputs pulse to TO3 pin (also used as P41).
Figure 3.7.13 8-Bit PPG Output Waveforms
In this mode, a programmable square wave is generated by inverting timer output each
time the 8-bit up counter (UC2) matches the timer registers TREG2 and TREG3.
However, it is required that the set value of TREG2 is smaller than that of TREG3.
Though the up counter (UC3) of timer 3 is not used in this mode, UC3 should be set for
counting by setting TRUN<T3RUN> to 1.
Figure 3.7.14 shows the block diagram for this mode.
Figure 3.7.14 Block Diagram of 8-Bit PPG Output Mode
Inversion
Value of up counter
(UC3, UC2)
Timer 2 comparator
match detect signal
Interrupt INTT3
0080H
0180H
0280H
0380H
0480H
0000H
Timer output TO3
t
TREG2
TREG3
TREG2 and UC2 match
(Interrupt INTT2)
TREG3 and UC2 match
(Interrupt INTT3)
TO3
tH
tL
Selector
8-bit
up counter
(UC2)
Comparator
Comparator
φT1
φT4
φT16
T32MOD <T2CLK1:0>
TFF3
TREG2
Register buffer
TREG3
Selector
TRDC<TR2DE>
TREG2-WR
TRUN<T2RUN>
TO3
TFFCR
<TFF3C1:0, TFF3IE>
INTT2
INTT3
Shift trigger
Internal data bus
Inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com