Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-10
3.3
Standby Function
Standby control circuits consist of (1) System clock controller, (2) Prescaler clock controller
and (3) Standby controller.
Figure 3.3.1 shows a transition figure. Figure 3.3.2 shows the block diagram.
Figure 3.3.3 shows I/O registers. Table 3.3.1 shows the internal operation and system clock.
Figure 3.3.1 Transition Figure
The clock frequency input from X1, X2 pin is called fc. The clock frequency selected by
SYSCR1<GEAR2:0> is called system clock fFPH. The devided clock of fFPH is called system clock
fSYS, and the 1 cycle of fSYS is called 1 state operating mode.
Table 3.3.1 Internal Operation and System Clock
Operating
Mode
Oscillator
fc
CPU
Internal I/O
System Clock
fSYS
RESET
Reset
Reset
fc/32
NORMAL
Operate
RUN
Operate
IDLE2
Stop only AD
IDLE1
Oscillation
Programmable
(fc/2, fc/4, fc/8,
fc/16, fc/32)
STOP
Stop
Stop
Stop
Stop
Reset
NORMAL mode
(fc/gear value/2)
RUN mode
(Stops only CPU)
IDLE2 mode
(Stops CPU and AD)
Interrupt
IDLE1 mode
(Operates only oscillator)
Instruction
Interrupt
Instruction
Interrupt
Instruction
Release reset
Interrupt
Instruction
STOP mode
(Stops all circuits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com