Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-6
Table 2.2.2 Pin Names and Functions (2/2)
Pin Name
Number
of Pins
I/O
Functions
I/O
Port 60: I/O port (with pull-up resistor)
P60
TXD0
1
Output
Serial send data 0
I/O
Port 61: I/O port (with pull-up resistor)
P61
RXD0
1
Input
Serial receive data 0
I/O
Port 62: I/O port (with pull-up resistor)
I/O
Serial data send enable 0 (Clear to Send)
P62
SCLK0
0
CTS
1
Input
Serial Clock I/O 0
I/O
Port 63: I/O port (with pull-up resistor)
P63
TXD1
1
Output
Serial send data 1
I/O
Port 64: I/O port (with pull-up resistor)
P64
RXD1
1
Input
Serial receive data 1
I/O
Port 65: I/O port (with pull-up resistor)
Input
Serial data send enable 1 (Clear to send)
P65
1
CTS
SCLK1
1
I/O
Serial clock I/O 1
I/O
Port 70: I/O port (High current output available)
P70
WAIT
1
Input
WAIT: Pin used to request CPU bus wait (It is active in (1
+ N) waits mode.
Set by the bus-width/wait control register.)
P71
1
I/O
Port 71: I/O port (high current output available)
NMI
1
Input
Non-maskable interrupt request pin: Interrupt request pin with
falling edge. Can also be operated at falling and
rising edges by program.
CLK
1
Output
Clock output: Outputs “fSYS ÷ 2” clock.
Pulled up during reset.
Can be disabled for reducing noise.
EA
1
Input
“1” should be inputted with TMP93CS32.
AM8/
16
AM
1
Input
Address mode: Selects external data bus width.
“1” should be inputted. The data bus width for external access is set by chip
select/wait control register, port 1 control register.
ALE
1
Output
Address latch enable
Can be disabled for reducing noise.
RESET
1
Input
Reset: Initializes TMP93CS32. (with pull-up resistor)
VREFH
1
Input
Pin for high level reference voltage input to AD converter
VREFL
1
Input
Pin for low level reference voltage input to AD converter
AVCC
1
Input
Power supply pin for AD converter
AVSS
1
Input
GND pin for AD converter (0 V)
X1
1
Input
Oscillator connecting pin
X2
1
Output
Oscillator connecting pin
VCC
1
Input
Power supply pin
VSS
2
Input
GND pin (All VSS pins are connected to the GND (0 V).)
Note:
Built-in pull-up resistors can be released from the pins other than the RESET pin by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com