Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-15
3.3.2
Prescaler Clock Controller
The 9-bit prescaler provides a clock to 8-bit Timer 0, 1, 2, 3, 16-bit Timer 4, 5, and serial
interface 0, 1.
The clock input to the 9-bit prescaler is selected either fFPH or fc/16 by
SYSCR0<PRCK1:0> register.
<PRCK1:0> register is initialized to “00” by resetting.
When the IDLE1 mode (Operates only oscillator) is used, set TRUN<PRRUN> to “0” to
reduce the power consumption of 9-bit prescaler before “HALT” instruction is executed.
3.3.3
Internal Clock Pin Output Function
CLK pin outputs fSYS divided by 2 internal clocks.
Outputs are specified by the clock output control register CKOCR<CLKEN>. Writing “1”
sets clock output, and writing “0” sets high impedance.
During reset, CLK pin is internally pulled up regardless of the value of <CLKEN>
register. See TMP93CS32 reset timing chart in Figure 3.1.1.
Note: To set <CLKEN> = “0” and set CLK pin to high impedance, pull up externally to prevent
through current which follows to the input buffer of CLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com