Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-92
Timer 5 Flip-Flop Control Register
7
6
5
4
3
2
1
0
Bit symbol
CAP4T6
CAP3T6
EQ7T6
EQ6T6
TFF6C1
TFF6C0
T5FFCR
(0049H)
Read/Write
R/W
W
After reset
0
0
0
0
1
1
TFF6 invert trigger
0: Disable trigger
1: Enable trigger
Function
Invert when
the UC value
is loaded to
CAP4.
Invert when
the UC value
is loaded to
CAP3.
Invert when
the UC
matches
TREG7.
Invert when
the UC
matches
TREG6.
TFF6 control
00: Invert TFF6
01: Set TFF6
10: Clear TFF6
11: Don’t care
Timer flip-flop 6 (TFF6) control
00
Inverts the TFF6 value (Software inversion).
01
Sets TFF6 to “1”.
10
Clear TFF6 to “0”.
11
Don’t care (Always read “11”)
Timer flip-flop 6 (TFF6) invert trigger
at up counter matches TREG6
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
CAP4T6: Invert when the up counter value is loaded to CAP4
CAP3T6: Invert when the up counter value is loaded to CAP3
EQ7T6:
Invert when up counter matches TREG7
EQ6T6:
Invert when up counter matches TREG6
Timer flip-flop 6 (TFF6) invert trigger
at up counter matches TREG7
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Figure 3.8.6 16-Bit Timer/Event Counter Related Register (4/6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com