Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-63
3.6.4
Bus Width/Wait Control
An image of the actual Bus-width/Wait control is shown below. Out of the whole memory
area, address areas that can be specified are divided into four parts. Addresses from
000000H to 3FFFFFH are divided differently: 7F00H to 7FFFH is specified for WAITC0;
880H to 7FFFH, for WAITC1; and 8000H to 3FFFFFH, for WAITC2. The reason is that a
device other than ROM (e.g., RAM or I/O) might be connected externally.
7F00 to 7FFFH (256 bytes) for WAITC0 are mapped mainly for possible expansions to
external I/O.
880H to 7FFFH (Approx. 31 K bytes) for WAITC1 are mapped there mainly for possible
extensions to external RAM.
8000H to 3FFFFFH (Approx. 4 M bytes) for WAITC2 are mapped mainly for possible
extensions to external ROM. With the TMP93CS32 which has a built-in ROM, addresses
from FF0000H to FFFFFFH are used as the internal ROM area; WAITC2 is disabled in
this area. After reset, the CPU reads the program from the built-in ROM in 16-bit bus,
0-wait mode.
Note 1: Access priority is highest for built-in I/O, then built-in memory, and lowest for the bus
width/wait controller.
Note 2: External areas other than WAITC0 to WAITC2 are accessed in 16-bit data bus (0 waits)
mode.
When using the bus width/wait controller, do not specify the same address area more
than once.
(However, when addresses 7F00H to 7FFFH for WAITC0 and 880H to 7FFFH for
WAITC1 are specified, in other words, specifications overlap, only the WAITC0 setting
is active.)
000000H
7F00H
8000H
WAITC0
WAITC1
<B0C1:0>
= “00”
<B1C1:0>
= “00”
WAITC2
<B2C1:0>
= “00”
<B0C1:0>
= “01”
<B0C1:0>
= “10”
<B0C1:0>
= “11”
<B1C1:0>
= “01”
<B1C1:0>
= “10”
<B1C1:0>
= “11”
<B2C1:0>
= “01”
<B2C1:0>
= “10”
<B2C1:0>
= “11”
400000H
800000H
C00000H
FFFFFFH
(Mainly for I/O)
(Mainly for RAM)
(Mainly for ROM)
880H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com