Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 100 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 100 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-98
(5) Capture input control
This circuit controls the timing to latch the value of up counter UC4 into (CAP1 and
CAP2). The latch timing of capture register is controlled by register T4MOD<CAP12M
1:0>.
•
When T4MOD<CAP12M1:0>
= “00”
Capture function is disabled. Disable is the default on reset.
•
When T4MOD<CAP12M1:0>
= “01”
Data is loaded to CAP1 at the rise edge of TI4 pin (also used as P42/INT4) input,
while data is loaded to CAP2 at the rise edge of TI5 pin (also used as P43/INT5) input.
•
When T4MOD<CAP12M1:0>
= “10”
Data is loaded to CAP1 at the rise edge of TI4 pin input, while to CAP2 at the fall
edge. Only in this setting, interrupt INT4 occurs at fall edge.
•
When T4MOD<CAP12M1:0>
= “11”
Data is loaded to CAP1 at the rise edge of timer flip-flop TFF1, while to CAP2 at the
fall edge.
Besides, the value of up counter can be loaded to capture registers by software. Whenever
“0” is written in T4MOD<CAP1IN> the current value of up counter will be loaded to
capture register CAP1. It is necessary to keep the prescaler in RUN mode
(TRUN<PRRUN> to be “1”).
(6) Comparator
These are 16-bit comparators which compare the up counter UC4 value with the set
value of (TREG4, TREG5) to detect the match. When a match is detected, the comparators
generate an interrupt (INTTR4, INTTR5) respectively. The up counter UC4 is cleared only
when UC4 matches TREG5 (The clearing of up counter UC4 can be disabled by setting
T4MOD<CLE>
= 0).
(7) Timer flip-flop (TFF4)
This flip-flop is inverted by the match detect signal from the comparators and the latch
signals to the capture registers. Disable/enable of inversion can be set for each element by
T4FFCR<CAP2T4, CAP1T4, EQ5T4, EQ4T4>. After reset, the value of TFF4 is undefined.
TFF4 will be inverted when “00” is written in T4FFCR<TFF4C1:0>. Also it is set to “1”
when “01” is written, and set to “0” when “10” is written. The value of TFF4 can be output to
the timer output pin TO4 (also used as P44). Timer output should be specified by the
function register of Port 4. (See Register for Port 4 in Figure 3.5.10.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com