Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-99
(1) 16-bit timer mode
Generating interrupts at fixed intervals
In this example, the interval time is set in the timer register TREG5 to generate the
interrupt INTTR5.
7
6
5
4
3
2
1
0
TRUN
← − X − 0 − − − −
Stop timer 4.
INTET54
← 1 1 0 0 1 0 0 0
Enable INTTR5 and sets interrupt level 4. Disable
INTTR4.
T4FFCR
← X X 0 0 0 0 1 1
Disable trigger.
T4MOD
← 0 0 1 0 0 1 * *
(* *
= 01, 10,11)
Select internal clock for input and disable the capture
function.
TREG5
← * * * * * * * *
Set the interval time (16 bits).
*
*
*
*
*
*
*
*
TRUN
← 1 X − 1 − − − −
Start timer 4.
X: Don’t care,
−: No change
(2) 16-bit event counter mode
In 16-bit timer mode as described in above, the timer can be used as an event counter by
selecting the external clock (TI4 pin input) as the input clock. To read the value of the
counter, first perform “software capture” once and read the captured value.
The counter counts at the rise edge of TI4 pin input.
TI4 pin can also be used as P42/INT4.
Since both timers operate in exactly the same way, timer 4 is used for the purposes of
explanation.
7
6
5
4
3
2
1
0
TRUN
← − X − 0 − − − −
Stop timer 4.
P4CR
← − − − − − 0 −−
Set P42 to input mode.
INTET54
← 1 1 0 0 1 0 0 0
Enable INTTR5 and sets interrupt level 4, while disables
INTTR4.
T4FFCR
← X X 0 0 0 0 1 1
Disable trigger.
T4MOD
← 0 0 1 0 0 1 0 0
Select TI4 as the input clock.
TREG5
← * * * * * * * *
Set the number of counts (16 bits).
TRUN
← 1 X − 1 − − − −
Start timer 4.
X: Don’t care,
−: No change
When used as an event counter, set the prescaler in RUN mode.
(TRUN<PRRUN>
= “1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com