Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-103
Setting example: To output 2 ms one-shot pulse with 3 ms delay to the external trigger
pulse to TI4 pin
* Clock Condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
Keep counting (Free running).
Main setting
Count with
φT1.
T4MOD
← − − 1 0 1 0 0 1
T4FFCR
← X X 0 0 0 0 1 0
Load the up counter value into CAP1 at the rise edge of TI4
pin input.
Clear TFF4 to zero.
Disable TFF4 inversion.
P4CR
← − − − 1 − − − 1
P4FC
← − X X 1 X X − X
Select P44 as the TO4 pin.
INTE45
← − − − − 1 10 0
INTET54
← 1 0 0 0 1 0 0 0
Enable INT4, and disable INTTR4 and INTTR5.
TRUN
← 1 X − 1 − − − −
Start timer 4.
Setting of INT4
TREG4
← CAP1 + 3 ms/φT1
TREG5
← TREG4 + 2 ms/φT1
T4FFCR
← X X − − 1 1 −−
Enable TFF4 inversion when the up counter value matches
TREG4 or TREG5.
INTET54
← 1 1 0 0 − − − −
Enable INTTR5.
Setting of INTTR5
T4FFCR
← X X − − 0 0 −−
Disable TFF4 inversion when the up counter value matches
TREG4 or TREG5.
INTET54
← 1 0 0 0 − − − −
Disable INTTR5.
X: Don’t care,
−: No change
When delay time is unnecessary, invert timer flip-flop TFF4 when the up counter
value is loaded into capture register 1 (CAP1), and set the CAP1 value (c) plus the
one-shot pulse width (p) to TREG5 when the interrupt INT4 occurs. The TFF4
inversion should be enabled when the up counter (UC4) value matches TREG5, and
disabled when generating the interrupt INTTR5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com