Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 106 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 106 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 110Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-104
Figure 3.8.14 One-Shot Pulse Output (without Delay)
2. Frequency measurement
The frequency of the external clock can be measured in this mode. The clock is input
through the TI4 pin, and its frequency is measured by the 8-bit timers (Timer 0 and
Timer 1) and the 16-bit timer/event counter (Timer 4).
The TI4 pin input should be selected for the input clock of Timer 4. The value of the
up counter is loaded into the capture register CAP1 at the rise edge of the timer
flip-flop TFF1 of 8-bit timers (Timer 0 and Timer 1), and into CAP2 at its fall edge.
The frequency is calculated by the difference between the loaded values in CAP1 and
CAP2 when the interrupt (INTT0 or INTT1) is generated by either 8-bit timer.
Figure 3.8.15 Frequency Measurement
For example, if the value for the level “1” width of TFF1 of the 8-bit timer is set to 0.5
s. and the difference between CAP1 and CAP2 is 100, the frequency will be 100
÷ 0.5 [s]
= 200 [Hz].
TI4 pin input
(External trigger pulse)
c
Load the up counter value into capture
register 1 (CAP1). INT4 occurred
Match with TREG5
Timer output pin TO4
c
+ p
Pulse width
(p)
Inversion enable
Count clock
(Internal clock)
INTTR5 occurred.
Load the up counter value into
capture register 2 (CAP2).
Disables inversion caused by loading
of the up counter value into CAP2.
Enables inversion caused
by loading of the up counter
value into CAP1.
C1
C2
C1
C2
C2
C1
TFF1
Loading UC4 into CAP1
Count clock
(Internal clock)
Loading UC4 into CAP2
INTT0/INTT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com