Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-61
3.6.3
Bus Width/Wait Control Registers
.
Figure 3.6.1 shows control registers.
One block address areas are controlled by 1-byte bus width/wait control registers
(WAITC0, WAITC1, WAITC2).
(1) Data bus size select
Bit4 (<B0BUS>, <B1BUS>, <B2BUS>) of the control register is used to specify data
bus size. Setting this bit to 0 accesses the memory in 16-bit data bus mode; setting it to
1 accesses the memory in 8-bit data bus mode.
Changing data bus size depending on the access address is called dynamic bus sizing.
Table 3.6.1 shows the details of the bus operation.
(2) Wait control
Control register bits 3 and 2 (<B0W1:0>, <B1W1:0>, <B2W1:0>) are used to specify
the number of waits. These bits execute the following operation by setting.
“00” A2-state wait is inserted regardless of the WAIT pin status.
“01” A1-state wait is inserted regardless of the WAIT pin status.
“10” A1-state wait is inserted and the WAIT pin status is sampled. If the pin is low,
inserting the wait maintains the bus cycle until the pin goes high.
“11” The bus cycle is completed without a wait (0 waits) regardless of the WAIT pin
status.
After reset operation, clear to “00” (A2-state wait mode).
(3) Address area specification
Control register bits 1 and 0 (<B0C1:0>, <B1C1:0>, <B2C1:0>) are used to specify
the target address area. Setting these bits to 00 enables settings (Wait state, Bus size,
etc.) as follows:
*
WAITC0 setting enabled when 7F00H to 7FFFH is accessed.
*
WAITC1 setting enabled when 880H to 7FFFH is accessed.
*
WAITC2 setting enabled when 8000H to 3FFFFFH is accessed.
Setting bits to 01 enables setting for each block when 400000H to 7FFFFFH is
accessed. Setting bits to 10 enables them when 800000H to BFFFFFH is accessed.
Setting bits to 11 enables them when C00000H to FFFFFFH is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com