Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-12
7
6
5
4
3
2
1
0
Bit symbol
−
−
−
−
−
−
PRCK1
PRCK0
Read/Write
R/W
After reset
1
0
1
0
0
0
0
0
Function
Always write
“1”
(This bit is
read as “1”.)
Always write
“0”
(This bit is
read as “0”.)
Always write
“1”
(This bit is
read as “1”.)
Always write
“0”
(This bit is
read as “0”.)
Always write
“0”
(This bit is
read as “0”.)
Always write
“0”
(This bit is
read as “0”.)
Select prescaler clock
00: fFPH
01: (Reserved)
10: fc/16
11: (Reserved)
7
6
5
4
3
2
1
0
Bit symbol
−
GEAR2
GEAR1
GEAR0
Read/Write
R/W
After reset
0
1
0
0
Function
Always write
“0”
(This bit is
read as “0”.)
Select gear value
000: fc
001: fc/2
010: fc/4
011: fc/8
100: fc/16
101: (Reserved)
110: (Reserved)
111: (Reserved)
7
6
5
4
3
2
1
0
Bit symbol
ALEEN
CLKEN
Read/Write
R/W
After reset
0
0
Function
ALE pin
output control
0: High-Z
output
1: ALE output
CLK pin
output control
0: High-Z
output
1: CLK output
7
6
5
4
3
2
1
0
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
WDT control
0: Disable
1: Enable
WDT detection time
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
Warm-up
timer
0: 2
14/clock
frequency
input
1: 2
16/clock
frequency
input
HALT mode
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
0: Don’t
care
1: Connects
WDT
output to
RESET
pin
internally.
Pin state
control in
STOP mode
0: I/O off
1: Remains
the state
before
HALT
Note 1: SYSCR1<Bit7:4> are read as “1”.
Note 2: Resetting clears <ALEEN>, <CLKEN>bit to “0”. The CLK pin is internally pulled up during
reset.
Figure 3.3.3 I/O Registers about Standby
SYSCR0
(006EH)
SYSCR1
(006FH)
CKOCR
(006DH)
WDMOD
(005CH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com