Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 40Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 41Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 42Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-42
Table 3.5.2 I/O Registers and Specification (1/2)
I/O register
Port
Name
Specification
Pn
PnCR
PnFC
Input port
X
0
Output port
X
1
Port 0
P00 to P07
AD (0 to 7) bus
X
X
None
Input port
X
0
0
Output port
X
1
0
AD (8 to 15) bus
X
0
1
Port 1
P10 to P17
A (8 to 15) output
X
1
1
Input port (without pull up)
0
0
0
Input port (with pull up)
1
0
0
Output port
X
1
0
A (0 to 7) Output
1
0
1
Port 2
P20 to P27
A (16 to 23) output
1
1
1
Output port
X
0
Outputs RD only when accessing external space
1
1
P30
Always outputs RD
0
None
1
Output port
X
0
P31
Outputs WR only when accessing external space
X
None
1
Input port (without pull up)
0
0
0
Input port (with pull up)
1
0
0
Output port
X
1
0
P32
HWR
output
X
1
1
Input port/INT0 input (Note 1)
X
0
Port 3
P35
Output port
X
1
None
Input port
X
0
0
Output port
X
1
0
P41
TO3 output
X
1
1
Input port/TI4/INT4 input
X
0
P42
Output port
X
1
Input port/TI5/INT5 input
X
0
P43
Output port
X
1
None
Input port
X
0
0
Output port
X
1
0
P44
TO4 output
X
1
1
Input port/TI6/INT6 input
X
0
P45
Output port
X
1
Input port/TI7/INT7 input
X
0
P46
Output port
X
1
None
Input port
X
0
0
Output port
X
1
0
Port 4
P47
TO6 output
X
1
1
Input port
X
Port 5
P50 to P57
AN0 to AN5 input (Note 2)
X
None
X: Don’t care
Note 1: Using P35 pin as INT0, IIMC register has to be set enable interrupt.
Note 2: Using P50 to P55 pins as input channels for the AD converter, the channels are selected by
ADMOD1<ADCH2:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com