Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-53
Port 4 Register
7
6
5
4
3
2
1
0
Bit symbol
P47
P46
P45
P44
P43
P42
P41
−
Read/Write
R/W
After reset
1
1
1
1
1
1
1
−
P4
(000CH)
Function
Input mode
(Note)
Always write
“1” (This bit is
read as “1”).
Port 4 Control Register
7
6
5
4
3
2
1
0
Bit symbol
P47C
P46C
P45C
P44C
P43C
P42C
P41C
−
Read/Write
W
After reset
0
0
0
0
0
0
0
−
P4CR
(000EH)
Function
0: Input
1: Output
(Note)
Always write
“1” (This bit is
read as “1”).
Port 4 I/O setting
0
Input
1
Output
Note: Read-modify-write instruction is prohibited for P4CR.
Port 4 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P47F
P44F
P41F
Read/Write
W
W
W
After reset
0
0
0
P4FC
(0010H)
Function
0: Port
1: TO6
0: Port
1: TO4
0: Port
1: TO3
Note 1:
Read-modify-write instruction is prohibited for P4FC.
Note 2:
P42/TI4, P43/TI5, P45/TI6, P46/TI7 pin does not have a register changing port/function.
For example, when it is used as an input port, the input signal for port is inputted to 8-/16-bit timer as a timer
input.
Figure 3.5.11 Register for Port 4
Setting P47 as TO6
P4FC<P47F>
1
P4CR<P47C>
1
Setting P44 as TO4
P4FC<P44F>
1
P4CR<P44C>
1
Setting P41 as TO3
P4FC<P41F>
1
P4CR<P41C>
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com