Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-49
3.5.4
Port 3 (P30 to P32, P35)
Port 3 is an 4-bit general-purpose I/O port. I/O can be set on a bit basis, but note that P30
and P31 are used for output only.
I/O is set using control register P3CR and function register P3FC. Resetting resets all
bits of output latch P3, control register P3CR (bits 0 and 1 are unused), and function
register P3FC to 0. Resetting also outputs 1 from P30 and P31.
In addition to functioning as a general-purpose I/O port, Port 3 also shares functions as
an I/O for the CPU’s control/status signal.
With the TMP93CS32, when P30 pin is defined as RD signal output mode (<P30F>
= 1),
clearing the output latch register <P30> to 0 outputs the RD strobe (used for the pseudo
static RAM) from the P30 pin even when the internal address area is accessed. If the output
latch register <P30> remains 1, the RD strobe signal is output only when the external
address area is accessed.
(1) P30 ( RD ) and P31 ( WR )
Figure 3.5.6 Port 3 (P30 and P31)
Function control
(on bit basis)
Reset
P3FC write
S
Output
latch
P3 write
P3 read
Output buffer
P30 ( RD )
P31 ( WR )
S
A
Selector
B
RD
, WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com