Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-13
3.3.1
System Clock Controller
The system clock controller generates system clock (fSYS) for CPU core and internal I/O.
It contains a oscillation circuit and clock gear circuit. The register SYSCR1<GEAR2:0>
changes clock gear to either 1, 2, 4, 8, or 16 (fc, fc/2, fc/4, fc/8, or fc/16), and these functions
can reduce the power consumption of the equipment in which the device is installed.
The system clock (fSYS) is set to fc/32 (fc/16 × 1/2) because of <GEAR2:0> = “100” by
resetting. For example, fSYS is set to 0.625 MHz by resetting the case of 20 MHz oscillator
is connected to X1, X2 pins.
The fc clock can be easily obtained by connecting a resonator to the X1/X2 pins
respectively. Clock input from an external oscillator is also possible.
Figure 3.3.4 Examples of Resonator Connection
*
Accurate adjustment of the oscillation frequency
The CLK pin outputs at 1/2 the system clock frequency (fSYS/2) is used to monitor the
oscillation clock.
With a system requiring adjustment of the oscillation frequency, an adjusting program must
be written.
X1
X2
X1
X2
74HCU04
(a) Crystal/Ceramic resonator
(b) External oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com