Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 83Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-82
Example: Generating 1/4 duty 62.5 kHz pulse (at fc
= 20 MHz)
* Clock condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
Calculate the value to be set for timer register.
To obtain the frequency 62.5 kHz, the pulse cycle t should be: t
= 1/62.5 kHz = 16 µs.
Given
φT1 = 0.4 µs (at 20 MHz),
16
µs ÷ 0.4 µs = 40
Consequently, to set the timer register 3 (TREG3) to TREG3
= 40 = 28H
and then duty to 1/4, t
× 1/4 = 16 µs × 1/4 = 4 µs
4
µs ÷ 0.4 µs = 10
Therefore, set timer register 2 (TREG2) to TREG2
= 10 = 0AH.
7
6
5
4
3
2
1
0
TRUN
← − X − − 0 0 −−
Stop timer 2, 3 and clear it to “0”.
T32MOD
← 1 0 X X X X 0 1
Set the 8-bit PPG mode, and select
φT1 as input clock.
TREG2
← 0 0 0 0 1 0 1 0
Write “0AH”.
TREG3
← 0 0 1 0 1 0 0 0
Write “28H”.
TFFCR
← 0 1 1 X − − − −
Sets TFF3 and enable the inversion and double buffer enable.
Writing “10” provides negative logic pulse.
P4CR
← X X X X − − 1 −
P4FC
← X X X X − − 1X
Set P41 as the TO3 pin.
TRUN
← 1 X − − 1 1 −−
Start timer 2 and timer 3 counting.
X: Don’t care
−: No change
16
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com