Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-90
Timer 4 Flip-Flop Control Register
7
6
5
4
3
2
1
0
Bit symbol
CAP2T4
CAP1T4
EQ5T4
EQ4T4
TFF4C1
TFF4C0
T4FFCR
(0039H)
Read/Write
R/W
W
After reset
0
0
0
0
1
1
TFF4 invert trigger
0: Trigger disable
1: Trigger enable
Function
Invert when
the UC value
is loaded to
CAP2.
Invert when
the UC value
is loaded to
CAP1.
Invert when
the UC
matches
TREG5.
Invert when
the UC
matches
TREG4.
TFF4 control
00: Invert TFF4
01: Set TFF4
10: Clear TFF4
11: Don’t care
Timer flip-flop 4 (TFF4) control
00
Inverts the TFF4 value (Software inversion).
01
Sets TFF4 to “1”.
10
Clear TFF4 to “0”.
11
Don’t care (Always read “11”).
Timer flip-flop 4 (TFF4) invert trigger
at the up counter matches TREG4
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Timer flip-flop 4 (TFF4) invert trigger
at the up counter matches TREG5
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Timer flip-flop 4 (TFF4) invert trigger
at the up counter value is loaded to CAP1
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Timer flip-flop 4 (TFF4) invert trigger
at the up counter value is loaded to CAP2
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Figure 3.8.4 16-Bit Timer/Event Counter Related Register (2/6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com