Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-71
(
4) Comparator
A comparator compares the value in the up counter with the values to which the timer
register is set. When they match, the up counter is cleared to zero and an interrupt signal
(INTT0, INTT1, INTT2, INTT3) is generated. If the timer flip-flop inversion is enabled, the
timer flip-flop is inverted at the same time.
(5) Timer flip-flop (Timer F/F: TFF1, TFF3)
The timer flip-flop (TFF1, TFF3) is a flip-flop inverted by the match detect signal (8-bit
comparator output) of each interval timer.
Inverting is disabled or enabled by the timer flip-flop control register TFFCR<TFF3IE,
TFF1IE>.
After reset operation, the value of TFF1 and TFF3 is undefined. Writing “01” or “10” to
TFFCR<TFF3C1:0, TFF1C1:0> sets “0” or “1” to TFF1, TFF3. Additionally, writing “00” to
this bit inverts the value of TFF1, TFF3 (Software inversion).
The signal of TFF3 is output through the TO3 pin (Also used as P41). When using as the
timer output, the timer flip-flop should be set by port 4 function register P4FC beforehand.
The output pin of TFF1 does not exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com