Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-75
Timer Flip-Flop Control Register
7
6
5
4
3
2
1
0
Bit symbol
TFF3C1
TFF3C0
TFF3IE
TFF3IS
TFF1C1
TFF1C0
TFF1IE
TFF1IS
TFFCR
(0025H)
Read/Write
W
R/W
W
R/W
After reset
1
1
0
0
1
1
0
0
Function
00: Invert TFF3
01: Set TFF3
10: Clear TFF3
11: Don’t care
TFF3
Inversion
trigger
0: Disable
1: Enable
TFF3
Inversion
source
0: Timer 2
1: Timer 3
00: Invert TFF1
01: Set TFF1
10: Clear TFF1
11: Don’t care
TFF1
Inversion
trigger
0: Disable
1: Enable
TFF1
Inversion
source
0: Timer 0
1: Timer 1
Select inverse signal of timer F/F3
(“Don’t care” except in 8-bit timer mode)
Select inverse signal of timer F/F1
(“Don’t care” except in 8-bit timer mode)
0
Inversion by timer 2
0
Inversion by timer 0
1
Inversion by timer 3
1
Inversion by timer 1
Inversion of timer F/F3 (TFF3)
Inversion of Timer F/F1 (TFF1)
0
Disable invert
0
Disable invert
1
Enable invert
1
Enable invert
Control of timer F/F3 (TFF3)
Control of Timer F/F1 (TFF1)
00
Invert the value of TFF3
(software inversion)
00
Invert the value of TFF1
(software inversion)
01
Set TFF3 to “1”.
01
Set TFF1 to “1”.
10
Clear TFF3 to “0”.
10
Clear TFF1 to “0”.
11
Don’t care
11
Don’t care
Note:
TFFCR<TFF3C1:0, TFF1C1:0> is always read as “1”.
Figure 3.7.8 8-Bit Timer Related Register (4/5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com