Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-64
(Example of external memory connection)
Figure 3.6.2 is an example in which an external memory is connected to the TMP93CS32.
In this example, 128-Kbyte ROM is connected using 16 bits bus, and 256-Kbyte RAM using
16-bit bus.
Figure 3.6.2 Example of External Memory Connection (ROM and RAM = 16 Bits)
The TMP93CS32 has built-in ROM and RAM. When ROM and RAM have insufficient
capacity, it is possible to connect an external memory as the example of the external
memory connection. In this example, the memory configuration is as follows.
Memory
Memory Size
Address
Data Bus
Internal
64 Kbytes
FF0000H to FFFFFFH
16 bits
ROM
External
128 Kbytes
400000H to 41FFFFH
16 bits
Internal
2 Kbytes
000080H to 00087FH
16 bits
SRAM
External
256 Kbytes
800000H to 83FFFFH
16 bits
TMP93CS32
D
Q
LE
D8 to D15
D0 to D7
OE
CS
D0 to D7
OE
R/ W
CS
Upper byte
D0 to D7
OE
R/ W
CS
Lower byte
Latch
× 16
Decorder
Address bus
ROMCS
RAMCS
ROM (64 Kbits
× 16)
RAM (128 Kbits
× 8)
RAM (128 Kbits
× 8)
Upper address
AD8 to AD15
AD0 to AD7
ALE
RD
HWR
WR
AM8/ AM16
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com