Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 104 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 104 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 108Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-102
(4) Application examples of capture function
Used capture function, they can be applied in many ways, for example:
1. One-shot pulse output from external trigger pulse
2. Frequency measurement
3. Pulse width measurement
4. Time difference measurement
1. One-shot pulse output from external trigger pulse
Set to T4MOD<CAP12M1:0>
= 01.
Set the up counter UC4 in free-running mode with the internal input clock, input the
external trigger pulse from TI4 pin, and load the value of up counter into capture
register CAP1 at the rise edge of the TI4 pin.
When the interrupt INT4 is generated at the rise edge of TI4 input, set the CAP1
value (c) plus a delay time (d) to TREG4 (
= c + d), and set the above set value (c + d)
plus a one-shot pulse width (p) to TREG5 (
= c + d + p). When the interrupt INT4 occurs
the T4FFCR<EQ5T4, EQ4T4>register should be set “11” and that the TFF4 inversion
is enabled only when the up counter value matches TREG4 or TREG5. When interrupt
INTTR5 occurs, this inversion will be disabled after one-shot pulse is output.
The (c), (d), and (p) correspond to c, d, and p in Figure 3.8.13.
Figure 3.8.13 One-shot Pulse Output (with Delay)
TI4 pin input
(External trigger pulse)
cc
+ d + p
Load the up counter value into capture
register 1 (CAP1) INT4 occurred
Match with TREG5
Timer output pin TO4
Delay time
(d)
Match with TREG4
c
+ d
Pulse width
(p)
Inversion
enable
Disables inversion
caused by loading
of the up counter
value into CAP1.
Inversion
enable
INTTR5 occurred
Count clock
(Internal clock)
Set the counter in free-running mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com