Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 177Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 180Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 177 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-175
(2) Care points
1.
EA
, AM8/ AM16 pin
Fix these pins VCC unless changing voltage.
2. HALT mode (IDLE1)
When IDLE1 mode (oscillator operation only) is used, clear TRUN<PRRUN> to “0” to
stop prescaler before “HALT” instruction is executed.
3. Warm-up counter
The warm-up counter operates when STOP mode is released even if the system is using
an external oscillator. As a result, it takes warm-up time from inputting the releasing
request to outputting the system clock.
4. Programmable pull-up resistor
The programmable pull-up resistors can be turned ON/OFF by the program when the
ports are used as input ports. When the ports are used as outputs, they can not be selected
ON/OFF by the program.
The data registers (e.g. P6 register …) are used for the pull-up resistors ON/OFF.
Consequently, Read-modify-write instructions are prohibited.
5. Watchdog timer
The watchdog timer starts operation immediately after the reset is released. When the
watchdog timer is not used, disable it.
6. AD converter
The string register between VREFH and VREFL pins can be cut by a program to reduce
power consumption. When the Standby mode is used, disable the resistor using the
program before the “HALT” instruction is executed.
7. CPU (Micro DMA)
Only the “LDC cr, r”, “LDC r, cr” instructions can be used to access the control registers in
the CPU like the transfer source address register (DMASn).
8. POP SR instruction
Please execute POP SR instruction during DI condition.
9. Releasing the HALT mode by requesting an interruption
Usually, interrupts can release all halts status. However, the interrupts = ( NMI , INT0)
which can release the HALT mode may not be able to do so if they are input during the
period CPU is shifting to the HALT mode (for about 3 clocks of fFPH) with IDLE1 or STOP
mode (IDLE2/RUN are not applicable to this case). (In this case, an interrupt request is
kept on hold internally.)
If another interrupt is generated after it has shifted to HALT mode completely, halt
status can be released without difficultly. The priority of this interrupt is compare with that
of the interrupt kept on hold internally, and the interrupt with higher priority is handled
first followed by the other interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com