Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 38Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-34
3.4
Interrupts
Interrupts are controlled by the CPU interrupt mask register SR<IFF2:0> and the built-in
interrupt controller.
Altogether the TMP93CS40 and TMP93CS41 have the following 29 interrupt sources:
•
Interrupts from the CPU, 9 sources
(Software interrupts, and illegal (Undefined) instruction execution)
•
Interrupts from external pins ( NMI , INT0, and INT4 to INT7), 6 sources
•
Interrupts from built-in I/Os, 14 sources
A fixed individual interrupt vector number is assigned to each interrupt source; any one of six
levels of priority can also be assigned to each maskable interrupt. Non-maskable interrupts
have a fixed priority of 7.
When an interrupt is generated, the interrupt controller sends the value of the priority of the
interrupt source to the CPU. When more than one interrupt is generated simultaneously, the
interrupt controller sends the value of the highest priority (7 for non-maskable interrupts is the
highest) to the CPU.
The CPU compares the value of the priority sent, with the value in the CPU interrupt mask
register <IFF2:0>. If the value sent is greater than in that the CPU interrupt mask register, the
interrupt is accepted. However, software interrupts and illegal instruction execution interrupts
are not compared with the <IFF2:0> register. They are given top priority. The value in the CPU
interrupt mask register <IFF2:0> can be changed using the EI instruction. Executing EI n
changes the contents of <IFF2:0> to n. For example, programming EI 3 enables acceptance of
maskable interrupts with a priority of 3 or greater, and non-maskable interrupts which are set
in the interrupt controller. When EI or EI 0 is programmed, maskable interrupts with a priority
of 1 or greater, and non-maskable interrupts are enabled in the interrupt instructions (In the
same way as the EI 1).
The DI instruction operates in the same way as the EI 7 instruction, setting <IFF2:0>
= 7.
Since the priority values for maskable interrupts are 0 to 6, the DI instruction is used to disable
acceptance of maskable interrupts. The EI instruction becomes effective immediately after
execution. (With the TLCS-90, the EI instruction becomes effective after execution of the next
following instruction.)
In addition to the general-purpose interrupt processing mode described above, there is also a
micro DMA processing mode. Micro DMA is a mode used by the CPU to automatically transfer
byte or word data. It enables the CPU to process interrupts such as data saves to built-in I/Os at
high speed.
Figure 3.4.1 is a flowchart showing overall interrupt processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com