Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 65Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 66Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 67Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 68Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-66
Port 3 Register
7
6
5
4
3
2
1
0
P3
Bit symbol
P37
P36
P35
P34
P33
P32
P31
P30
(0007H)
Read/Write
R/W
After reset
1
1
1
1
1
1
1
1
Function
Input mode (Pull up)
Output mode
Port 3 Control Register
7
6
5
4
3
2
1
0
P3CR
Bit symbol
P37C
P36C
P35C
P34C
P33C
P32C
(000AH)
Read/Write
W
After reset
0
0
0
0
0
0
Function
0: Input
1: Output
Port 3 Function Register
7
6
5
4
3
2
1
0
P3FC
Bit symbol
P37F
P36F
P35F
P34F
P32F
P31F
P30F
(000BH)
Read/Write
W
W
After reset
0
0
0
0
0
0
0
Function
0: Port
1: RAS
0: Port
1: R/ W
0: Port
1: BUSAK
0: Port
1: BUSRQ
0: Port
1: HWR
0: Port
1: WR
0: Port
1: RD
Figure 3.5.9 Registers for Port 3
I/O setting
0
Input
1
Output
R/ W setting
P3FC<P36F>
1
P3CR<P36C>
1
RAS
setting
P3FC<P37F>
1
P3CR<P37C>
1
Note 1: Read-modify-write is
prohibited for registers
P3CR and P3FC.
Note 2: When port P3 is used in the
input mode, the P3 register
controls the built-in pull-up
resistor. Read-modify-write
is prohibited in the input
mode or the I/O mode, as it
may affect the states of the
pull-up/pull-down resistors.
Note 3: When the P33/WAIT pin is
used as a WAIT pin, set
P3CR<P33C> to “0” and
set the chip select/WAIT
control register <BnW1:0>
to “10”.
BUSRQ
setting
P3FC<P34F>
1
P3CR<P34C>
0
BUSAK
setting
P3FC<P35F>
1
P3CR<P35C>
1
<P30>
<P30F>
0
1
0
“0” output
“1” output
1
Always RD
output
(for pseudo
SRAM)
RD
output
only for
external
access
P30 ( RD ) function setting
<P31>
<P31F>
0
1
0
“0” output
“1” output
1
WR
output only for
external access
P31 ( WR ) function setting
HWR
setting
P3FC<P32F>
1
P3CR<P32C> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com