Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 88 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 88 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 84Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 85Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 92Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-86
Port A Register
7
6
5
4
3
2
1
0
PA
Bit symbol
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
(001EH)
Read/Write
R/W
After reset
1
1
1
1
1
1
1
1
Function
Input mode
Port A Control Register
7
6
5
4
3
2
1
0
PACR
Bit symbol
PA7C
PA6C
PA5C
PA4C
PA3C
PA2C
PA1C
PA0C
(001FH)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
0: Input
1: Output
Clock Output Control Register
7
6
5
4
3
2
1
0
CKOCR
Bit symbol
SCOSEL
SCOEN
ALEEN
CLKEN
(006DH)
Read/Write
R/W
After reset
0
0
0/1
0/1
Function
Clock select Clock enable ALE enable CLK enable
Figure 3.5.29 Registers for Port A
CLK pin output control (Note 1)
0
High impedance
1
CLK output
ALE pin output control (Note 1)
0
High impedance
1
ALE output
PACR<PA7C>
<SCOEN> <SCOSEL>
0
1
0
0
1
Output mode
0
fFPH clock output (Note 3)
1
1
Input Port
fSYS clock output (Note 3)
SCOUT/PA7 pin control
Note 1: Read-modify-write is prohibited for registers PACR.
Note 2: The value after reset of <CLKEN>, <ALEEN> is following:
TMP93CS40: “0” (High-impedance output)
TMP93CS41: “1” (CLK or ALE output)
But during reset, the CLK pin is pulled up internally regardless of which
of these two microcontrollers is in use.
Note 3: The output clock from the SCOUT pin is as fFPH or fSYS clock signal.
e.g.
The case of a 20 MHz oscillator connected to the X1 and X2 pins.
<SCOSEL>
= “0” → 20 MHz clock
<SCOSEL>
= “1” → 10 MHz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com