Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-7
Table 2.2.3 Pin Names and Functions (3/4)
Pin Names
Number
of Pins
I/O
Functions
P84
TI6
INT6
1
I/O
Input
Input
Port 84: I/O port (with pull-up resistor)
Timer input 6: Timer 5 count/capture trigger signal input
Interrupt request pin 6: Interrupt request pin with programmable rising/falling edge
P85
TI7
INT7
1
I/O
Input
Input
Port 85: I/O port (with pull-up resistor)
Timer input 7: Timer 5 count/capture trigger signal input
Interrupt request pin 7: Interrupt request pin with rising edge
P86
TO6
1
I/O
Output
Port 86: I/O port (with pull-up resistor)
Timer output 6: Timer 5 output pin
P87
INT0
1
I/O
Input
Port 87: I/O port (with pull-up resistor)
Interrupt request pin 0: Interrupt request pin with programmable level/rising edge
P90
TXD0
1
I/O
Output
Port 90: I/O port (with pull-up resistor)
Serial data send 0
P91
RXD0
1
I/O
Input
Port 91: I/O port (with pull-up resistor)
Serial data receive 0
P92
CTS0
SCLK0
1
I/O
Input
I/O
Port 92: I/O port (with pull-up resistor)
Serial data send enable 0 (Clear to send)
Serial Clock I/O 0
P93
TXD1
1
I/O
Output
Port 93: I/O port (with pull-up resistor)
Serial data send 1
P94
RXD1
1
I/O
Input
Port 94: I/O port (with pull-up resistor)
Serial data receive 1
P95
SCLK1
1
I/O
I/O
Port 95: I/O port (with pull-up resistor)
Serial clock I/O 1
PA0 to PA6
7
I/O
Ports A0 to A6: I/O ports
PA7
SCOUT
1
I/O
Output
Port A7: I/O port
System clock output: Outputs fFPH or fSYS clock.
WDTOUT
1
Output
Watchdog timer output pin
NMI
1
Input
Non-maskable interrupt request pin: Interrupt request pin with programmable falling
edge or with both edges programmable.
CLK
1
Output
Clock output: Outputs [fSYS ÷ 2] clock.
Pulled-up during reset.
Can be disabled to reduce noise.
EA
1
Input
External access: On the TMP93CS41, the Vss pin should be connected.
On the TMP93CS40, the Vcc pin should be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com